Part Number Hot Search : 
SB113 MHW72 AN584 5160HR MPC942P WM8904 SG7805AR 5000F
Product Description
Full Text Search
 

To Download UZR1V100MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
ZR
3.95mmL MAX. Chip Type
series
Chip type with 3.95mmLMAX height. Designed for surface mounting on high density PC board. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
ZS
Smaller
ZR
Smaller
Specifications
Item Category Temperature Range Rated Voltage Range
ZD
Performance Characteristics
- 40 ~ +85C 4 ~ 50V 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (A) , whichever is greater. Rated voltage (V) tan ( MAX.) Rated voltage (V) Impedance ratio Z-25C / Z+20C ZT / Z20 (MAX.) Z-40C / Z+20C
4 0.50 4 7 15 6.3 0.30 6.3 4 8 10 0.24 10 3 8 16 0.19 16 2 4 25 0.16 25 2 4 35 0.14 35 2 3 50 0.14 50 2 3
Rated Capacitance Range 0.1 ~ 220F Capacitance Tolerance Leakage Current tan
120Hz 20C 120Hz
Stability at Low Temperature
Endurance
After 1000 hours' application of rated voltage at 85C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 30% of initial value 300% or less of initial specified value Initial specified value or less
Shelf Life
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C for 30 seconds. After removing from the hot plate and restored at room temperature, they meet the characteristic requirements listed at right. Black print on the case top.
Capacitance change tan Leakage current Within 10% of initial value Initial specified value or less Initial specified value or less
Resistance to soldering heat Marking
Chip Type
Positive 0.5 MAX. Voltage (C : 16V) Lot No. Series Plastic platform 0.3 MAX.
Type numbering system (Example : 16V 10F)
1 2 3 4 5 6 7 8 9 10 11 12 13 14
C0.2
U Z R 1 C 1 0 0 MC L 1 GB
A0.2
Taping code
X2 10C ZR
D0.5
Capacitance
3.90
+0.05 -0.2
Voltage
V Code 4 g 6.3 j 10 A 16 C 25 E 35 V 50 H
0.5 ~ 0.8
Negative
D A B C E
4 1.8 4.3 4.3 1.0
5 2.1 5.3 5.3 1.3
(mm) 6.3 2.4 6.6 6.6 2.2
B0.2
Configuration Capacitance tolerance (20%) Rated Capacitance (10F) Rated voltage (16V) Series name Type
E
Dimensions
V Cap. (F) Code
4 0G
6.3 0J
A0.2
10 1A
16 1C
25 1E
35 1V 4 4 4 4 4 4 4 5 6.3
50 1H 1.0 2.0 2.8 4.0 8.4 13 17 20 33
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221
4 4 5 6.3
28 33 56 96
4 5 5 6.3
28 37 45 70
5 5 6.3
33 41 52
4 5 6.3 6.3
23 37 49 58
4 5 6.3 6.3
16 27 42 52
4 5 6.3
18 29 46
Case size D (mm)
Rated ripple
Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size are given in page 25. Please contact us for the soldering by reflow. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UZR1V100MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X